Part Number Hot Search : 
HD64F CD3035B AC104 KTC43 MN2S2025 NCP3488 4HC57 R2110
Product Description
Full Text Search
 

To Download 1076920001501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  keypads with stroke features   vandal-proof protection of switching element by mechanical end stop of metal actuator   functional principle protected by utility model   long lifetime due to high mechanical load capacity   pleasant tactile feedback   wide range of possible designs type metallic panel pcb metallic panel flex metallic trackball electrical data switching voltage min. [vdc] 20 20 switching voltage max. [vdc] 30 / 42 30 / 42 operating voltage of interface [vdc] 5 switching current min. [ma] 0.1 1 switching current max. [ma] 100 50 12 lifetime electrical [mill.] 2 1 2 rated breaking capacity [w] 1 0.6 insulation resistance [m ? ] > 100 > 100 dielectric strength [v] 500 500 duration of bounce [ms] <5 <5 mechanical data actuating force [n] 3 3 actuating travel [mm] 0.45 0.45 lifetime mechanical [mill.] 2 2 2 ik protection class (shock protection) [ik] ik 07 ik 07 climatical data operating temperature [c] -25 to +85 -25 to +85 -10 to +55 storage temperature [c] -40 to +85 -40 to +85 -20 to +80 ip protection class front side [ip] ip 40 ip 40 ip 65 static ip protection class contact area [ip] ip 65 ip 65 other data lettering laser lettered laser lettered 29 keypads with stroke data metallic panel
keypads with stroke pc keypad with trackball unit pc keypad with touchpad characteristics mounting dimensions [mm] 425.8 x 149.8 425.8 x 149.8 type metallic panel metallic panel flex metallic panel pcb mounting style front mounting front mounting material front panel, keys stainless steel stainless steel material contacts silver + carbon cuau trackball / touchpad ball diameter 38 mm, colour black, ip 65 touchpad: vp 8000 lettering pc keypad standard lettering / customized lettering on request interface cable keypad cable 5 m / for trackball 1.6 m / for touchpad 1.6 m accessories din cables, connectors and further lengths of connecting cables on request. order number interface, lettering, trackball /touchpad interface ps/2 * ps/2, german 1076.8500.10.500 1076.9000.10.500 ps/2, uk layout 1076.8600.10.500 1076.9100.10.500 ps/2, us layout 1076.8700.10.500 1076.9200.10.500 usb, german 1076.8500.01.501 1076.9000.01.501 usb, uk layout 1076.8600.01.501 1076.9100.01.501 usb, us layout 1076.8700.01.501 1076.9200.01.501 without, german 1076.8500.00.503 1076.9000.00.502 without, uk layout 1076.8600.00.503 1076.9100.00.502 without, us layout 1076.8700.00.503 1076.9200.00.502 drawing a mounting frame b trackball c touchpad * the trackball interface in usb-version is available on request. in addition to the standard types, additional versions as well as laser lettering are available on request. starting with catalogue page 36 you will find an overview of the various designs. 33 summary metallic panel


▲Up To Search▲   

 
Price & Availability of 1076920001501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X